Part Number Hot Search : 
AP1122YA A222R R1122 NJM23 13003BC LQ801 29F800 P15N100C
Product Description
Full Text Search
 

To Download BAT54XS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Small Signal Schottky (double) diodes
Spec. No. : C302S3-H Issued Date : 2004.04.13 Revised Date : Page No. : 1/4
BAT54S3/BAT54AS3 BAT54CS3/BAT54SS3
Description
Planar silicon Schottky barrier diodes encapsulated in a SOT-323 very small plastic SMD package. Single diodes and double diodes with different pinning are available.
Features
*Guard ring protected *Low forward voltage drop *Very small plastic SMD package
Applications
*Ultra high-speed switching *Voltage clamping *Protection circuits *Blocking diodes
Pinning
Pin 1 2 3 BAT54 A NC K
3 1 2 1
Outline
Description BAT54A BAT54C K1 A1 K2 A2 A1,A2 K1,K2
3 2
BAT54S A1 K2 K1,A1
SOT-323 3
1
2
N.C.
(1) BAT54
3 1 2 1
(2)BAT54A
3 2
Marking: Type BAT54 S3 BAT54AS3 BAT54CS3 BAT54SS3 Marking Code L4 42 43 44
(3)BAT54C
(4)BAT54S
Diode configuration and symbol
BAT54S3/BAT54AS3/BAT54CS3/BAT54SS3
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings
Symbol Per diode VR IF IFRM IFSM Ptot Tstg Tj Tamb Parameter continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current total power dissipation (per package) storage temperature junction temperature operating ambient temperature Conditions
Spec. No. : C302S3-H Issued Date : 2004.04.13 Revised Date : Page No. : 2/4
Min -65 -65
Max 30 200 300 600 200 +150 125 +125
Unit V mA mA mA mW
tp1s, 0.5 tp<10ms Tamb25
Characteristics (Ta=25C, unless otherwise specified)
Parameter Reverse Breakdown Voltage Symbol VBR VF(1) VF(2) Forward Voltage (Note 1) VF(3) VF(4) VF(5) Reverse Leakage Current (Note 2) Diode Capacitance Reverse Recovery Time IR CD trr IR=100A IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA VR=25V VR=1V, f=1MHz when switched from IF= 10mA to IR=10mA; RL=100; measured at IR=1mA Condition Min. 30 Max. 240 320 400 500 800 2 10 5 Unit V mV mV mV mV mV A pF ns
Notes: 1.pulse test, tp=380s, duty cycle<2%. 2.pulse test, tp=300s, duty cycle<2%.
Thermal Characteristics
Symbol Rth j-a Parameter thermal resistance from junction to ambient Conditions note 1 Value 625 Unit K/W
Note 1 : Refer to SOT-323 standard mounting conditions.
BAT54S3/BAT54AS3/BAT54CS3/BAT54SS3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current & Forward Voltage
250
Spec. No. : C302S3-H Issued Date : 2004.04.13 Revised Date : Page No. : 3/4
100
Diode Capacitance & Reverse-Biased Voltage
200
150
Diode Capacitance-Cd (pF)
0 200 400 600 800 1000
Forward Current-I F (mA)
10
100
50
0
1
Forward Voltage-VF (mV)
0.1
1
10
100
Reverse Biased Voltage-VR (V)
BAT54S3/BAT54AS3/BAT54CS3/BAT54SS3
CYStek Product Specification
CYStech Electronics Corp.
SOT-323 Dimension
Spec. No. : C302S3-H Issued Date : 2004.04.13 Revised Date : Page No. : 4/4
Marking:
3
A
A1 1 e1 e D E bp 2
W B
Q Lp
detail Z
C
L4_ XX
Diagram:
A Z
He
0 1 scale 2 mm
v
A
3-Lead SOT-323 Plastic Surface Mounted Package. CYStek Package Code: S3 * BAT54 S3 : Single Diode (Marking Code L4) * BAT54AS3 : Common Anode. (Marking Code 42) * BAT54CS3 : Common Cathode. (Marking Code 43) * BAT54SS3 : Series Connected. (Marking Code 44) *: Typical
DIM A A1 bp C D E e
Inches Min. Max. 0.0315 0.0433 0.0000 0.0039 0.0118 0.0157 0.0039 0.0098 0.0709 0.0866 0.0453 0.0531 0.0512 -
Millimeters Min. Max. 0.80 1.10 0.00 0.10 0.30 0.40 0.10 0.25 1.80 2.20 1.15 1.35 1.3 -
DIM e1 He Lp Q v w
Inches Min. Max. 0.0256 0.0787 0.0886 0.0059 0.0177 0.0051 0.0091 0.0079 0.0079 -
Millimeters Min. Max. 0.65 2.00 2.25 0.15 0.45 0.13 0.23 0.2 0.2 10 0
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BAT54S3/BAT54AS3/BAT54CS3/BAT54SS3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BAT54XS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X